PART |
Description |
Maker |
ASIS50-28 |
NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator HF BAND, Si, NPN, RF POWER TRANSISTOR
|
ASI[Advanced Semiconductor] Advanced Semiconductor, Inc. ADVANCED SEMICONDUCTOR INC
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SB1431 |
Silicon power transistor From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
BUV21 BUV21_D ON0257 |
From old datasheet system 40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola, Inc. ON Semiconductor
|
2SB1430 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
BUV11 |
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola Inc Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC3734 2SC3734-L 2SC3734-T1B 2SC3734-T2B |
Silicon transistor HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC[NEC]
|
CENU05 CENU06 CENU57 CENU07 CEN-U07 CENU55 CENU56 |
SILICON COMPLEMENTARY POWER TRANSISTORS 2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|